PART |
Description |
Maker |
2N2905A |
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 High Speed, Saturated Switch PNP Silicon Transistor(高速、饱和开关型PNP硅晶体管) 高速,饱和硅晶体管开关进步党(高速,饱和开关型进步党硅晶体管)
|
TT electronics Semelab, Ltd. STMicroelectronics N.V. SEME-LAB[Seme LAB]
|
2SA1714 2SA1714K 2SA1714L 2SA1714M |
PNP high-speed switching darlington transistor PNP SILICON EPITAXIAL POWER TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING 进步党硅外延功率晶体管(达林顿连接笔记本高)高速开
|
NEC Corp. NEC, Corp.
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
VI-B64-MU-BM VI-B61-CU-BM VI-B63-EU-BM VI-B63-MU-B |
LED IR 935NM PLASTIC SIDELOOK 电池充电电流源模 RES, 160 OHM 1/8W 5% 电池充电电流源模 Battery Charger Current Source Modules 电池充电电流源模 TRANS NPN LO SAT 60V 4.5A TO-92 TRANS PNP LO SAT 60V 5.5A SOT223 47K OHM 1/10W 5% SMT RESISTOR TRANS PNP LO SAT 60V 3.5A TO-92
|
Vicor, Corp. VICOR[Vicor Corporation]
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
V62C1161024LL-85T V62C1161024L V62C1161024L-100T V |
TRANS PNP 100VCEO 5A TOP-3F 超低功4K的16 CMOS SRAM TRANS PNP 80VCEO 10A TOP-3F Ultra Low Power 64K x 16 CMOS SRAM
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp Mosel Vitelic Corp
|
W24L011AQ-10 W24L011AQ-12 W24L011AQ-15 W24L011AT-1 |
128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TRANS PNP W/RES 60HFE NEW S TYPE 128K X 8 STANDARD SRAM, 15 ns, PDSO32 Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No JT 55C 55#22M SKT PLUG HIGH SPEED SRAM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
2SC3783 |
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS) npn型三重扩散型(高速,高压开关,开关稳压器,高速DC - DC转换器应用) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING SWITCHING REGULATOR HIGH SPEED DC-DC CONVERTER APPLICATIONS) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING/ SWITCHING REGULATOR/ HIGH SPEED DC-DC CONVERTER APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
2SA1720 |
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
|
NEC
|
2SA1627 |
PNP SILICON TRANSISTOR(general purpose amplifier and high speed switching)
|
NEC Corp. NEC[NEC]
|
TT3031NP |
PNP Epitaxial Planar Silicon Transistor 50V / 3A High-Speed Switching
|
Sanyo Semicon Device
|
2SA1883 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications
|
Sanyo
|